Part Number Hot Search : 
120M0 1K91FK 2545ET 821KD14 TLP523 PCF85 0504A1 A1305
Product Description
Full Text Search
 

To Download P6SMB68A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6SMB6.8A THRU P6SMB250A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR P6SMB6.8A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the P6SMB6.8CA Series data sheet.
SMB CASE
* This series is UL listed, UL file number E130224
MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg 600 100 -65 to +150 UNITS W A C
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
BREAKDOWN VOLTAGE TYPE VBR @ IT MIN (V) P6SMB6.8A P6SMB7.5A P6SMB8.2A P6SMB9.1A P6SMB10A P6SMB11A P6SMB12A P6SMB13A P6SMB15A P6SMB16A P6SMB18A P6SMB20A P6SMB22A P6SMB24A P6SMB27A P6SMB30A P6SMB33A P6SMB36A P6SMB39A 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19 20.9 22.8 25.7 28.5 31.4 34.2 37.1 NOM (V) 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 MAX (V) 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21 23.1 25.2 28.4 31.5 34.7 37.8 41 IT (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) 57 53 50 45 41 38 36 33 28 27 24 22 20 18 16 14.4 13.2 12 11.2 MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 MAXIMUM TEMPERATURE COEFFICIENT MARKING CODE VBR (% / C) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 C6V8A C7V5A C8V2A C9V1A C10A C11A C12A C13A C15A C16A C18A C20A C22A C24A C27A C30A C33A C36A C39A
Notes: (1) Non-repetitive 10x1,000s pulse.
R5 (1-March 2010)
P6SMB6.8A THRU P6SMB250A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS ELECTRICAL CHARACTERISTICS - Continued: (TA=25C unless otherwise noted)
BREAKDOWN VOLTAGE TYPE VBR @ IT MIN (V) P6SMB43A P6SMB47A P6SMB51A P6SMB56A P6SMB62A P6SMB68A P6SMB75A P6SMB82A P6SMB91A P6SMB100A P6SMB110A P6SMB120A P6SMB130A P6SMB150A P6SMB160A P6SMB170A P6SMB180A P6SMB200A P6SMB220A P6SMB250A 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 104.5 114 123.5 142.5 152 161.5 171 190 209 237.5 NOM (V) 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 220 250 MAX (V) 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210 231 262.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) 36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 185 214 MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2 1.8 1.7 MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 328 344 MAXIMUM TEMPERATURE COEFFICIENT MARKING CODE VBR (% / C) 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.110 C43A C47A C51A C56A C62A C68A C75A C82A C91A C100A C110A C120A C130A C150A C160A C170A C180A C200A C220A C250A
SMB CASE - MECHANICAL OUTLINE
R5 (1-March 2010)
w w w. c e n t r a l s e m i . c o m
P6SMB6.8A THRU P6SMB250A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 250 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R5 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of P6SMB68A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X